PART |
Description |
Maker |
BHRE10HSGSMTXXX BHRE64HSGAXXX BHRE64HSGSMTXXX BHRE |
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
BHR08HSGA BHR10HSGA BHR14HSGA BHR16HSGA BHR20HSGA |
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
|
http:// Adam Technologies, Inc.
|
MHF60SGS MHF60SGL MHF20SGL MHF20SGS MHF16SGL MHF16 |
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
|
Adam Technologies, Inc.
|
FCS26SG FCS62SG FCS44SG FCS24SG FCS60SG |
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
IPB05CN10NG |
100 A, 100 V, 0.0051 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
INFINEON TECHNOLOGIES AG
|
T8102 |
H.100/H.110 Interface and Time-Slot Interchanger(H.100/H.110接口和干线时隙交换机)
|
Lineage Power
|
ADL5306ACP |
60 dB-range (100 nA-100 µA) Low-Cost Logarithmic Converter
|
Analog Devices
|